PART |
Description |
Maker |
C513A-LM C511 C513A-RN C511A-RN C513A-HN C511-RN Q |
8-Bit CMOS Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC44 8-Bit CMOS Microcontroller 8-BIT, 12 MHz, MICROCONTROLLER, PQCC44 High Speed CMOS Logic Triple 3-Input NOR Gates 14-PDIP -55 to 125 8位CMOS微控制器
|
SIEMENS AG
|
PIC16LC74A-04/JW PIC16LC74A-04E/P PIC16LC74A-04I/J |
8-BIT, MROM, 4 MHz, RISC MICROCONTROLLER, PDSO28 MICROCONTROLLER|8-BIT|PIC CPU|CMOS|DIP|40PIN|CERAMIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|DIP|40PIN|PLASTIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|QFP|44PIN|PLASTIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|LDCC|44PIN|PLASTIC Low Loss PowerPath Controller in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C MICROCONTROLLER|8-BIT|PIC CPU|CMOS|TQFP|44PIN|PLASTIC (PIC16LC7X) 8-Bit CMOS Microcontrollers 8-BIT, OTPROM, 10 MHz, RISC MICROCONTROLLER, PDSO28 8-BIT, OTPROM, 4 MHz, RISC MICROCONTROLLER, PDIP40 8-BIT, OTPROM, 4 MHz, RISC MICROCONTROLLER, PQFP44 PIC16C72/73/73A/74/74A/76/77 Datasheet 8-BIT, MROM, 4 MHz, RISC MICROCONTROLLER, PQFP44 10 X 10 MM, PLASTIC, MQFP-44
|
Microchip Technology, Inc.
|
SAK-C167CR-L33MGAGA-T-STEP SAK-C167XR-4RMGAGA-T-ST |
16-Bit Microcontrollers - 16-Bit CMOS microcontroller (33MHz) 16-Bit Microcontrollers - 16-Bit CMOS microcontroller (25MHz) High-end 16-bit Microcontroller with optional on-chip CAN
|
Infineon
|
PIC12F629 PIC12F629EMF PIC12F629EP PIC12F629ESN PI |
8-Pin FLASH-Based 8-Bit CMOS Microcontrollers 8-Pin, 8-Bit CMOS Microcontroller with EEPROM Data Memory IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,8PIN,PLASTIC
|
MICROCHIP[Microchip Technology]
|
SAB80C517-16-N-T40/85 SAB80C537-M16 SAB80C517-M-T4 |
8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQFP100 High Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Universal Shift Register with 3-State Outputs 20-SOIC -55 to 125 高速CMOS逻辑83态输出通用变换缓存SOIC-20封装 工作温度55℃_125 8-Bit CMOS Single-Chip Microcontroller 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC84 High Speed CMOS Logic 8-Input NAND Gate 14-PDIP -55 to 125 8位CMOS单芯片微控制 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC84
|
Siemens Semiconductor Group SIEMENS AG INFINEON TECHNOLOGIES AG SIEMENS A G http://
|
P87LPC779 P87LPC779FDH |
CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP IC,MICROCONTROLLER,8-BIT,8051 CPU,CMOS,TSSOP,20PIN,PLASTIC
|
PHILIPS[Philips Semiconductors]
|
S87C652-4F40 S87C652-4A44 83C652 S87C652-7K44 P83C |
CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 8 MHz, MICROCONTROLLER, CDIP40 CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers CMOS单芯位微控制 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 10 MHz, MICROCONTROLLER, CQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP40
|
NXP Semiconductors N.V.
|
W78E58P-16 W78E58P-24 W78E58-40 W78E58P-40 W78E54B |
8-BIT MICROCONTROLLER 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 MICROCONTROLLER|8-BIT|8051 CPU|CMOS|QFP|44PIN|PLASTIC MICROCONTROLLER|8-BIT|8051 CPU|CMOS|LDCC|44PIN|PLASTIC
|
Winbond Electronics, Corp. Winbond Electronics Corp
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
PIC16LC717I/SS PIC16C717E/SS PIC16C771TE/SO PIC16C |
MICROCONTROLLER|8-BIT|PIC CPU|CMOS|SOP|20PIN|PLASTIC Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C MICROCONTROLLER|8-BIT|PIC CPU|CMOS|SSOP|20PIN|PLASTIC 单片机| 8位|知情同意的CPU |的CMOS | SSOP封装| 20针|塑料 Microcontroller 微控制器
|
Microchip Technology, Inc.
|
PCA80C31BH3-16P PCA80C31BH3-16WP PCB80C51BH-5H PCB |
10/100/1000 SECURE TERMNLSERV 8 PT RS232 RJ SFP/1250 EXT DIAGNOSTIC MM-850-LC, 500M, KPT45492-182 KPT07A12-10SW with pc contacts CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 12 MHz, MICROCONTROLLER, CDIP40
|
http:// Philips Semiconductors NXP Semiconductors N.V.
|
MB91F345BPFT-GE1 |
32-bit Microcontroller CMOS FR60 Lite MB91345 Series 32-BIT, FLASH, 50 MHz, RISC MICROCONTROLLER, PQFP100
|
Fujitsu, Ltd.
|
|